Part Number Hot Search : 
DAT48060 ADUM4402 CDLL5818 TCRC0912 Q0765R 6EETAT AD842 B1200
Product Description
Full Text Search
 

To Download 22-43-3050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0022433050 Active
2.5 SPOX IDT RECEPTACLE WHITE 5CKT
Product Specification PS-42219-0001 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance?
Series
General
Product Family Series Comments Crimp Quality Equipment Product Name IDT and Solder Connectors 42219 Spring Box|Use with 24 AWG solid Yes SPOXTM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG 5 Natural 25 94V-0 Female No None Phosphor Bronze Tin Tin Polyester 1 Bag No 0.098 In 2.50 mm 100 2.50 100 2.50 No 0C to +75C IDT or Pierce 24, 26
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 42219Series Mates With Headers, 5267 , 42249 , 42267 , 5268 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # IDT - Manual Press 0011219757 HawkTM Discrete 0623000500 Wire Terminator Machine 2.5mm HawkTM Discrete 0623000700 Wire Terminator Machine 2.5mm Changehead 0690080290 for Parallel Action Handtool
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info
Old Part Number A-42219-5A
Reference - Drawing Numbers
Product Specification Sales Drawing PS-42219-0001 SDA-42219-*
69008-0949 for 2.5mm User Friendly
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-43-3050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X